Part Number Hot Search : 
M59330P BYV32 WF10NC8G AD73422 MT8980D A56A1 AM4407P TS974
Product Description
Full Text Search
 

To Download AT20-0263 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital attenuator, 31 db, 5 - bit, ttl driver, dc - 2 ghz at20 - 0263 cr - 12 v 3.00 features n attenuation: 1 db steps to 31 db n temperature stability: 0.18 db from ? 40c to +85c typical n low dc power consumption n surface mount package n integral ttl driver n low cost/high performance n 50 ohm nominal impedance description m/a - com?s at20 - 0263 is a gaas fet 5 - bit digital attenuator with a 1 db minimum step size and 31 db total attenuation. this attenuator and integral t tl driver is in a ceramic 16 - lead surface mount package. the at20 - 0263 is ideally suited for use where accuracy, fast switching , very low power consumption and low intermodulation products are required. typical applications include dynamic range setting in precision receiver circuits and other gain/leveling control circuits. available with enhanced performance as fully hermetic version. environmentally screenable as p/n at - 263. electrical specifications : t a = 25 c 1 parameter test conditions frequency units min typ max reference insertion loss ? dc - 0.5 ghz dc - 1.0 ghz dc - 2.0 ghz db db db ? ? ? 2.0 2.2 2.5 2.4 2.8 3.0 attenuation accuracy 2 any single bit any combination of bits dc - 1.0 ghz dc - 2.0 ghz (0.25 +3% of atten setting in db) db (0.25 +3% of atten setting in db) db or 0.4 db, whichever is greater vswr ? dc - 2.0 ghz ratio ? ? 1.6:1 trise, tfall 10% to 90% ? ns ? 50 ? ton, toff 50% control to 90/10% rf ? ns ? 150 ? transients in - band (peak - peak) ? mv ? 50 ? 1 db compression input power input power 0.05 ghz 0.5 - 2.0 ghz dbm dbm ? ? +20 +28 ? ? input ip3 for two - tone input power up to +5 dbm 0.05 ghz 0.5 - 2.0 ghz dbm dbm ? ? +40 +48 ? ? input ip2 for two - tone input power up to +5 dbm 0.05 ghz 0.5 - 2.0 ghz dbm dbm ? ? +45 +68 ? ? vcc ? ? v 4.5 5.0 5.5 vee ? ? v - 8.0 ? - 5.0 1. all specifications apply when operated with bias voltages of +5v for vcc and ? 5.0v for vee. 2. this attenuator is guaranteed monot onic.
digital attenuator, 31 db, 5 - bit, ttl driver, dc - 2 ghz at20 - 0263 specifications subject to change without notice. n north america: tel. (800) 366 - 2266 n asia/pacific: tel.+ 81 - 44 - 844 - 8296 , fax + 81 - 44 - 844 - 8298 n europe: tel. +44 (1344) 869 595, fax+44 (1344) 300 020 visit www.macom.com for additional data sheets and product information. v 3.00 2 parameter test conditions frequency units min typ max icc vcc = 4.5 to 5.5v vctl = 0 to 0.8v, or vcc ? 2.1v to vcc ? ma ? ? 5.0 iee vee = - 5.0 to - 8.0v ? ma ? ? 1.0 electrical specifications : t a = 25 c absolute maximum ratings 3 3. operation of this device above any one of these parameters may cause permanent damage. 4. standard cmos ttl interface, latch - up wil l occur if logic signal is applied prior to power supply. parameter absolute maximum max input power 0.5 ghz 0.5 - 2.0 ghz +27 dbm +34 dbm supply voltages vcc vee +5.5v - 8.5v control voltage 4 - 0.5v to vcc +0.5v operating temperature - 40c to +125c storage temperature - 65c to +150c truth table control inputs c5 c4 c3 c2 c1 attenuation 0 0 0 0 0 reference 0 0 0 0 1 1 db 0 0 0 1 0 2 db 0 0 1 0 0 4 db 0 1 0 0 0 8 db 1 0 0 0 0 16 db 1 1 1 1 31 db 1 functional schematic (top view) 0 = ttl low 1 = ttl high c5 +5v -5v c4 c3 c2 rf2 gnd gnd gnd gnd 16 db 8 db 4 db 2 db 1 db gnd gnd orientation mark rf1 pin 1 c1 pin 16 gnd
digital attenuator, 31 db, 5 - bit, ttl driver, dc - 2 ghz at20 - 0263 specifications subject to change without notice. n north america: tel. (800) 366 - 2266 n asia/pacific: tel.+ 81 - 44 - 844 - 8296 , fax + 81 - 44 - 844 - 8298 n europe: tel. +44 (1344) 869 595, fax+44 (1344) 300 020 visit www.macom.com for additional data sheets and product information. v 3.00 typical performance curves attenuation accuracy vs. frequency ref. insertion loss vs. frequency vswr vs. frequency 3 ordering information part number package at20 - 0263 cr - 12 -1.5 -1 -0.5 0 0.5 0.0 0.5 1.0 1.5 2.0 frequency (ghz) deviation from nominal atten (db) 1,2,4,8,16 db full attenuation 1.00 1.20 1.40 1.60 1.80 2.00 0.00 0.50 1.00 1.50 2.00 frequency (ghz) vswr 4 db state 1 db state 0 1 2 3 4 5 0.0 0.5 1.0 1.5 2.0 frequency (ghz) loss (db) +85c +25c -55c


▲Up To Search▲   

 
Price & Availability of AT20-0263

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X